Part Number Hot Search : 
MAX6192B HCT1G 74HCT EC100 EC100 FQA40N25 A7303 LTC34
Product Description
Full Text Search
 

To Download EL817B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 1 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series features:  ? halogens free. ? current transfer ratio (ctr: 50~600% at i f =5ma, v ce =5v) ? high isolation voltage between input and output (viso=5000 v rms ) ? creepage distance >7.62 mm ? operating temperature up to +110c ? compact small outline package ? pb free and rohs compliant. ? ul approved (no. e214129) ? vde approved (no. 132249) ? semko approved ? nemko approved ? demko approved ? fimko approved ? csa approved ? cqc approved description the el817 series of devices each consist of an infrared emitting diodes, optically coupled to a phototransistor detector encapsulated with green compound. the devices are in a 4-pin dip package and available in wide-lead spacing and smd option. applications ? programmable controllers ? system appliances, measuring instruments ? telecommunication equipments ? home appliances, such as fan heaters, etc. ? signal transmission between circuits of different potentials and impedances pin configuration 1. anode 2. cathode 3. emitter 4. collector schematic
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 2 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series absolute maximum ratings (t a =25c) parameter symbol rating unit forward current i f 60 ma peak forward current (1us, pulse) i fp 1 a reverse voltage v r 6 v 100 mw input power dissipation derating factor (above t a = 100c) p d 2.9 mw/  c 150 mw power dissipation derating factor (above t a = 100  c) p c 5.8 mw/  c collector current i c 50 ma collector-emitter voltage v ceo 80 v output emitter-collector voltage v eco 7 v total power dissipation p tot 200 mw isolation voltage *1 v iso 5000 v rms operating temperature t opr -55 ~ +110 c storage temperature t stg -55 ~ +125 c soldering temperature *2 t sol 260 c notes *1 ac for 1 minute, r.h.= 40 ~ 60% r.h. in this test, pins 1 & 2 are shorted together, and pins 3 & 4 are shorted together. *2 for 10 seconds.
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 3 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series electrical characteristics (t a =25c unless specified otherwise) input parameter symbol min. typ.* max. unit condition forward voltage v f - 1.2 1.4 v i f = 20ma reverse current i r - - 10 a v r = 4v input capacitance c in - 30 250 pf v = 0, f = 1khz output parameter symbol min. typ.* max. unit condition collector-emitter dark current i ceo - - 100 na v ce = 20v, i f = 0ma collector-emitter breakdown voltage bv ceo 80 - - v i c = 0.1ma emitter-collector breakdown voltage bv eco 7 - - v i e = 0.1ma transfer characteristics (t a =25c unless specified otherwise) parameter symbol min. typ.* max. unit condition el817 50 - 600 el817a 80 - 160 EL817B 130 - 260 el817c 200 - 400 el817d 300 - 600 el817x 100 - 200 current transfer ratio el817y ctr 150 - 300 % i f = 5ma ,v ce = 5v collector-emitter saturation voltage v ce(sat) - 0.1 0.2 v i f = 20ma ,i c = 1ma isolation resistance r io 510 10 - - ? v io = 500vdc, 40~60% r.h. floating capacitance c io - 0.6 1.0 pf v io = 0, f = 1mhz cut-off frequency fc - 80 - khz v ce = 5v, i c = 2ma r l = 100 ? , -3db rise time t r - 6 18 s fall time t f - 8 18 s v ce = 2v, i c = 2ma, r l = 100 ? * typical values at t a = 25c
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 4 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series typical performance curves
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 5 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series figure 7. switching time test circuit & waveforms i f i c r l r in v cc output input input pulse output pulse 10% 90% t f t r t off t on
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 6 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series order information part number el817(x)(y)(z)-fvg note x = lead form option (s, s1, m or none) y = ctr rank (a, b, c, d, x, y or none) z = tape and reel option (ta, tb ,tu, td or none). f = lead frame option (f: iron, none: copper) v = vde (optional) g = halogens free option description packing quantity none standard dip-4 100 units per tube m wide lead bend (0.4 inch spacing) 100 units per tube s (ta) surface mount lead form + ta tape & reel option 1000 units per reel s (tb) surface mount lead form + tb tape & reel option 1000 units per reel s1 (ta) surface mount lead form (low profile) + ta tape & reel option 1000 units per reel s1 (tb) surface mount lead form (low profile) + tb tape & reel option 1000 units per reel s2 (ta) surface mount lead form (gull-wing) + ta tape & reel option 500 units per reel s2 (tb) surface mount lead form (gull-wing) + tb tape & reel option 500 units per reel s (tu) surface mount lead form + tu tape & reel option 1500 units per reel s (td) surface mount lead form + td tape & reel option 1500 units per reel s1 (tu) surface mount lead form (low profile) + tu tape & reel option 1500 units per reel s1 (td) surface mount lead form (low profile) + td tape & reel option 1500 units per reel
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 7 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series package drawing (dimensions in mm) standard dip type option m type
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 8 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series option s type option s1 type
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 9 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series option s2 type recommended pad layout for surface mount leadform for s and s1 option for s2 option
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 10 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series device marking notes el denotes everlight 817 denotes device number f denotes factory code (g: china and green part) r denotes ctr rank (a, b, c, d or none) y denotes 1 digit year code ww denotes 2 digit week code v denotes vde 817 el f r yww v
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 11 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series tape & reel packing specifications tape dimensions dimension no. a b do d1 e f dimension(mm) 10.40.1 4.550.1 1.50.1 1.50.05 1.750.1 7.50.1 dimension no. po p1 p2 t w k dimension(mm) 4.00.1 12.00.1 2.00.1 0.330.1 16.0+0.3/ -0.1 4.550.1 option ta option tb direction of feed from reel direction of feed from reel
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 12 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series tape dimensions dimension no. a b c d e f dimension(mm) 16.000.3 7.50.1 1.750.1 8.00.1 2.00.1 4.00.1 dimension no. g h i j k dimension(mm) 1.5+0.1/-0 10.40.1 0.40.05 4.550.1 5.10.1 option td direction of feed from reel option tu direction of feed from reel
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 13 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series solder reflow temperature profile 150 ? c 1 - 3 ? c/sec max 6 0 ? 12 0 sec 200 ? c 217 ? c >255 ? c (30s max ) 1 - 3 ? c/sec max 6 0 ? 1 0 0 sec 260 ? c (peak) time (s)
lifecyclephase: revision : 4 expired period: forever release date:2011-02-18 08:59:58.0 4 pin dip phototransistor photocoupler everlight electronics co., ltd. 14 http://www.everlight.com document no j dpc-0000011 rev.4 july 30, 2010 el817-g series disclaimer 1. the specifications in this datasheet may be changed without notice. everlight reserves the authority on material change for above specification. 2. when using this product, please observe the absolute maximum ratings and the instructions for use as outlined in this datasheet. everlight assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in this datasheet. 3. these specification sheets include materials protected under copyright of everlight. reproduction in any form is prohibited without the specific consent of everlight.


▲Up To Search▲   

 
Price & Availability of EL817B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X